1 PE15A1007 is a wideband low noise rf coaxial amplifer operating in the 9 khz to 3 ghz frequency range. the amplifer offers 2.5 db noise fgure, 16 dbm of p1db and high 32 db minimum small signal gain with gain fatness of 1.5db maximum. this exceptional technical performance is achieved through the use of hybrid mic design and advanced gaas phemt devices. the low noise amplifer requires typically a +12v dc power supply. the connectorized sma module is unconditionally stable and includes built-in voltage regulation. this low noise amplifer requires only a single positive supply, is unconditionally stable and operates over the temperature range of -40c and +85c. features ? 9 khz to 3 ghz frequency range ? p1db: 16 dbm ? high small signal gain: 32 db minimum ? gain flatness: 1.25 db ? gain v ariance: 1 db ? noise figure: 2.5db ? reverse isolation: 65 db ? 50 ohm input and output matched ? -40 to 85c operating temperature ? unconditionally stable ? single dc positive supply ? built-in v oltage regulator applications ? laboratory applications ? r&d labs ? military radio ? radar systems ? t elecom infrastructure ? t est instrumentation ? military & space ? communication systems ? wireless communication ? microwave radio systems ? cellular base stations ? low noise amplifer ? general purpose amplifcation ? general purpose wireless ? wideband gain block ? if amplifer/rf driver amplifer ? rf wideband front ends ? rf pre-amplifcation electrical specifcations (ta = +25c, dc voltage = 12volts, dc current = 110ma) description minimum t ypical maximum units frequency range 0 3 ghz small signal gain 32 36 db gain flatness 1.25 1.5 db gain variance at otr* 1 db output at 1 db compression point +15 +16 dbm noise figure 2.5 3 db input vswr 1.6:1 2:1 output vswr 1.8:1 2.5:1 reverse isolation 60 65 db spurious -60 dbc operating dc voltage 12 v olts operating dc current 90 1 10 130 ma operating temperature range -40 +75 c . . pe5eep 2.5 db nf, 16 dbm, 0.009 mhz to 3 ghz, low noise amplifer, 32 db gain, sma PE15A1007 PE15A1007 PE15A1007 rev 1.0 2.5 db nf, 16 dbm, 0.009 mhz to 3 ghz, low noise amplifer, 32 db gain, sma technical data sheet
2 *otr= base plate operating temperature range absolute maximum rating parameter rating units source voltage +15 volts rf input power +5 dbm operating temperature (base-plate) -55 to +125 c storage temperature -40 to +85 c . esd sensitive material, transport material in approved esd bags. handle only in approved esd workstation. compliance certifcations (visit www.pasternack.com for current document) rohs compliant plotted and other data notes: ? values at +25 c, sea level ? esd sensitive material, transport material in approved esd bags. handle only in approved esd workstation. PE15A1007 rev 1.0 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 2.5 db nf, 16 dbm, 0.009 mhz to 3 ghz, low noise amplifer, 32 db gain, sma PE15A1007 2.5 db nf, 16 dbm, 0.009 mhz to 3 ghz, low noise amplifer, 32 db gain, sma technical data sheet
3 power data db db -40 -30 -20 -10 0 10 20 30 40 freq.(mhz) gain, input return loss and output return loss gain(db) 25 c in_return loss(db) out_return loss(db) 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 60 160 260 360 460 560 660 760 860 960 1060 1160 1260 1360 1460 1560 1660 1760 1860 1960 2060 2160 2260 2360 2460 2560 2660 2760 2860 2960 3060 freq.(mhz) noise figure noise figure PE15A1007 PE15A1007 rev 1.0 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 2.5 db nf, 16 dbm, 0.009 mhz to 3 ghz, low noise amplifer, 32 db gain, sma PE15A1007 2.5 db nf, 16 dbm, 0.009 mhz to 3 ghz, low noise amplifer, 32 db gain, sma technical data sheet
4 PE15A1007 2.5 db nf, 16 dbm, 0.009 mhz to 3 ghz, low noise amplifer, 32 db gain, sma PE15A1007 rev 1.0 2.5 db nf, 16 dbm, 0.009 mhz to 3 ghz, low noise amplifer, 32 db gain, sma from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 2.5 db nf, 16 dbm, 0.009 mhz to 3 ghz, low noise amplifer, 32 db gain, sma PE15A1007 url: http://www.pasternack.com/2.5-db-3-ghz-low-noise-amplifer-32-db-gain-sma-PE15A1007-p.aspx technical data sheet
5 ? 2014 pasternack enterprises all rights reserved PE15A1007 rev 1.0 2.5 db nf, 16 dbm, 0.009 mhz to 3 ghz, low noise amplifer, 32 db gain, sma PE15A1007 cad drawing
|